Part Number Hot Search : 
AAT4612 ZX84C18 CM162 ZX84C18 AAT4612 11407560 000906 RN1710
Product Description
Full Text Search
 

To Download BAT54-HT3-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat54-ht3 to bat54s-ht3 document number 85690 rev. 1.5, 12-dec-05 vishay semiconductors www.vishay.com 1 1 2 3 bat54-ht3 1 2 3 bat54c-ht3 top view 1 2 3 bat54a-ht3 1 2 3 bat54s-ht3 top view 17004 pin 1 top view small signal schottky diodes, single & dual features ? these diodes feature very low turn-on voltage and fast switching ? these devices are protected by a pn junction guard ring against excessive voltage, such as electrostatic discharges ? space saving llp package ? lead (pb)-free component ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec mechanical data case: llp75-3b plastic case molding compound flammability rating: ul 94 v-0 terminals: high temperature soldering guaranteed: 260 c/4 x 10 sec. at terminals weight: approx. 5.2 mg parts table absolute maximum ratings t amb = 25 c, unless otherwise specified thermal characteristics t amb = 25 c, unless otherwise specified part ordering code type marking remarks bat54-ht3 BAT54-HT3-GS08 l4 tape and reel bat54a-ht3 bat54a-ht3-gs08 l5 tape and reel bat54c-ht3 bat54c-ht3-gs08 l6 tape and reel bat54s-ht3 bat54s-ht3-gs08 l7 tape and reel parameter test condition symbol value unit repetitive peak reverse voltage=working peak reverse voltage v rrm 30 v forward continuous current i f 200 ma repetitive peak forward current i frm 300 ma surge forward current current i fsm 600 ma power dissipation p tot 230 mw parameter test condition symbol value unit thermal resistance junction to ambiant air r thja 430 k/w junction temperature t j 125 c storage temperature range t stg - 65 to + 150 c e3
www.vishay.com 2 document number 85690 rev. 1.5, 12-dec-05 bat54-ht3 to bat54s-ht3 vishay semiconductors electrical characteristics t amb = 25 c, unless otherwise specified typical characteri stics (tamb = 25 c unless otherwise specified) parameter test condition symbol min ty p. max unit reverse breakdown voltage 100 a pulses v (br) 30 v leakage current pulse test t p < 300 s, < 2 % at v r = 25 v 2a forward voltage i f = 0.1 ma, t p < 300 s, < 2 % v f 240 mv i f = 1 ma, t p < 300 s, < 2 % v f 320 mv i f = 10 ma, t p < 300 s, < 2 % v f 400 mv i f = 30 ma, t p < 300 s, < 2 % v f 500 mv i f = 100 ma, t p < 300 s, < 2 % v f 800 mv diode capacitance v r = 0 v, f = 1 mhz c tot 12 pf reverse recovery time i f = 10 ma , i r = 10 ma to i r = 1 ma, r l = 100 t rr 5ns figure 1. typical forward voltage forward current at various temperatures figure 2. typical variation of reverse current at various temperatures 1 88 67 1000 100 10 1 0.1 0.01 i - for w ard v oltage (ma) f 00.4 0.6 1.2 1.4 0. 8 1 0.2 v f - for w ard c u rrent ( v ) =125 c t j 25 c - 40 c 100 1000 10 1 0.1 0.01 5101520 02530 v r -re v erse v oltage ( v ) i-re v erse c u rrent ( a) r 1 88 69 = 125 c t j 100 c 75 c 50 c 25 c figure 3. typical capacitance c vs. reverse applied voltage v r 1 88 6 8 10 14 12 2 4 0 04 8 12 16 20 24 2 8 c - typical capacitance (pf) t v r -re v erse v oltage ( v ) 6 8
bat54-ht3 to bat54s-ht3 document number 85690 rev. 1.5, 12-dec-05 vishay semiconductors www.vishay.com 3 package dimensions in mm (inches) 18057 1.6 (0.062) 1.6 (0.062) 1 (0.039) 0.4 (0.016) 0.3 (0.012) 12 3 0.25 (0.010) 0.3 (0.012) 1 (0.039) 0.7 (0.027) 0.15 (0.006) top view iso method e
www.vishay.com 4 document number 85690 rev. 1.5, 12-dec-05 bat54-ht3 to bat54s-ht3 vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not co ntain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buy er use vishay semiconductors products for any unintended or unauthorized application, the buyer sh all indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany


▲Up To Search▲   

 
Price & Availability of BAT54-HT3-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X